PART |
Description |
Maker |
M50-3600542 |
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
|
List of Unclassifed Man...
|
M50-3102045 M50-3102545 M50-3100345 M50-3105045 M5 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-360XX42 |
1.27MM PITCH DIL VERTICAL SMT PIN HEADER
|
Harwin Plc
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M52-5153845 M52-5152445 M52-5153745 M52-5151745 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 38 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 24 24-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 37 37-way 37 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 17 17-way 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, gold, 20 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-4925005 |
1.27mm Pitch DIL Vertical SMT Pin Header, location pegs, double polarised, gold, 50 50-way 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M50-350XXXX |
1.27MM PITCH DIL VERTICAL PIN HEADER
|
Harwin Plc
|
M50-3600142 M50-3605042 |
1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
|
Harwin Plc
|
0908163004 90816-3004 |
1.27mm (.050) Pitch Picoflex? SMT Latched Vertical Header 1.27mm (.050") Pitch Picoflex垄莽 SMT Latched Vertical Header
|
Molex Electronics Ltd.
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
0908160324 090816-0324 |
1.27mm (.050) Pitch Picoflex SMT Latched Vertical Header, 24 Circuits, Tin (Sn) Plating, Black 1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 24 Circuits, Tin (Sn) Plating, Black MOLEX Connector
|
Molex Electronics Ltd.
|
78120-8013 0781208013 |
1.27mm (.050") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25渭m (10渭") Gold (Au) Plating, without Kapton Tape, 80 Circuits 1.27mm (.050) Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25μm (10μ) Gold (Au) Plating, without Kapton Tape, 80 Circuits
|
Molex Electronics Ltd.
|
|